PART |
Description |
Maker |
ZMY1 ZMY33 ZMY51 ZMY15 ZMY20 ZMY47 ZMY91 ZMY10 ZMY |
Silicon Planar Zener Diodes SILICON PLANAR POWER ZENER DIODES Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 surface mount silicon Zener diodes
|
Honey Technology SEMTECH[Semtech Corporation]
|
BZX55SERIES BZX55-C0V8 BZX55C13 BZX55C10 BZX55C11 |
Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 130 V, Izt = 1 mA for Vzt . Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 150 V, Izt = 1 mA for Vzt . 0.5W SILICON PLANAR ZENER DIODES 25 A standard and Snubberless" triacs Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 200 V, Izt = 1 mA for Vzt .
|
Shanghai Lunsure Electronic... Chenyi Electronics List of Unclassifed Manufacturers Shanghai Lunsure Electr...
|
1N4148WT 1N4727A-1N4761A |
Silicon Epitaxial Planar Switching Diode Silicon Planar Power Zener Diodes
|
Kingtronics International Company Kingtronics Internation...
|
1N4764 1N4734 1N4728 1N4740 1N4731 1N4730 1N4729 1 |
16.0V Professional Grade 1 W Zener Diode SILICON PLANAR POWER ZENER DIODES PTDA 1,5/10-3,5
|
Continental Device India Limited GOOD-ARK[GOOD-ARK Electronics]
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
MM1Z43 MM1Z2V0 MM1Z47 MM1Z18 MM1Z10 MM1Z100 MM1Z12 |
SILICON PLANAR ZENER DIODES Silicon planar zener diode in a small plastic
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
MA3330 MA3180 MAZ30820M MA3000 MA3140 MAZ3000 MAZ3 |
Silicon planar type Silicon planar type 33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small-signal device - Diodes - Zener Diodes Zener Diodes Silicon planar type
|
PANASONIC CORP Panasonic, Corp. http:// PANASONIC[Panasonic Semiconductor]
|
MMHZ5260SPT MMHZ5248SPT MMHZ5247SPT MMHZ5246SPT MM |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. Ltd.
|
BZX2.5C BZX2.5C10 BZX2.5C11 BZX2.5C12 BZX2.5C13 BZ |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH ELECTRONICS LTD.
|
ZM2C130 ZM2C7V5 ZM2C24 ZM2C120 |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH ELECTRONICS LTD.
|
1N4747 1N4740 1N4738 1N4737 1N4750 1N4748 1N4752 1 |
Silicon Planar Power Zener Diodes
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|